Part Number Hot Search : 
ADVANCE 300R1 TZB400CA TA128 2G153K MAX16 R3301 MMSZ5
Product Description
Full Text Search
 

To Download TRM-5101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway TRM-5101G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v2.0 1 TRM-5101G / trm-5101tg / trm-5101ag / trm-5101atg 3.3v / 1310 nm / 622 mbps rohs compliant optical multi-mode transceiver *********************************************************************************************************************************************************************** features l duplex sc multimode transceiver : TRM-5101G l duplex st multimode transceiver :trm-5101tg l 1310 nm transmitter l 0 to 1000 m transmission l industry standard 1 x 9 footprint l single +3.3 v power supply l pecl signal detection output l rohs compliant l 0 to 70 o c operating : TRM-5101G l -40 to 85 o c operating : trm-5101ag l wave solderable and aqueous washable l class 1 laser international safety standard iec 60825 compliant applications l atm 622 mbps links l sonet/sdh equipment interconnect l fast ethernet 100 mb/s links description the TRM-5101G series multi-mode transceivers are low power, high performance module for bi-directional serial optical data communications such as atm 622 mb/s, fast ethernet and fibre channel. this module is designed for multi-mode fiber and operates at a nominal wavelength of 1310 nm. the transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to international safety standard iec 60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. a pecl logic interface simplifies interface to external circuitry. laser safety this multi-mode transceiver is a class 1 laser product. it complies with iec 60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information p/no. bit rate (mb/s) distance (m) wavelength (nm) voltage (v) connector temp. ( o c) tx power (dbm) rx sens. (dbm) rohs compliant TRM-5101G 622 0 to 1000 1310 3.3 1x9 sc/st 0 to 70 -12 to -19 -26 y trm-5101ag 622 0 to 1000 1310 3.3 1x9 sc/st -40 to 85 -12 to -19 -26 y absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating temperature topr 0 -40 70 85 o c TRM-5101G trm-5101ag soldering temperature --- 250 o c 10 seconds on leads only power supply voltage vcc 0 4.5 v input voltage --- gnd vcc v output current iout 0 30 ma recommended operating conditions parameter symbol min typ max units power supply voltage vcc 3.13 3.3 3.47 v operating temperature topr 0 -40 70 85 o c / TRM-5101G o c / trm-5101ag data rate 100 622 mb/s
optoway TRM-5101G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v2.0 2 transmitter specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes optical optical transmit power po -19 --- -12 dbm 1 output center wavelength l 1260 1310 1360 nm output spectrum width dl --- --- 10 nm rms ( ) extinction ratio e r 8.2 --- --- db output eye compliant with bellcore tr-nwt-000253 and itu recommendation g.957 optical rise time t r 1.2 ns 10% to 90% values optical fall time t f 1.2 ns 10% to 90% values relative intensity noise rin -116 db/hz total jitter tj 0.55 ns 2 electrical power supply current icc 140 ma 3 data input current C low i il -350 m a data input current C high i ih 350 m a differential input voltage v ih - v il 300 mv data input voltage C low v il - v cc -2.0 -1.58 v 4 data input voltage -- high v ih - v cc -1.1 -0.74 v 4 notes: 1. output power is power coupled into a 62.5/125 m m multi-mode fiber. 2. measured with a 2 23 -1 prbs with 72 ones and 72 zeros. 3. maximum current is specified at vcc = maximum @ maximum temperature. 4. these inputs are compatible with 10k, 10kh and 100k ecl and pecl inputs. receiver specifications (0 o c < topr < 70 o c, 3.13 v < vcc < 3.47v) parameter symbol min typ max units notes optical sensitivity --- --- -28 -26 dbm 1 maximum input power pin -8 --- --- dbm signal detect -- asserted pa --- --- -26 dbm transition: low to high signal detect -- deasserted pd -40 --- --- dbm transition: high to low signal detect -- hysteresis 1.0 --- 4.0 db wavelength of operation 1100 --- 1600 nm electrical power supply current icc 100 ma 2 data output voltage C low v ol - v cc -2.0 -1.58 v 3 data output voltage C high v oh - v cc -1.1 -0.74 v 3 signal detect output voltage -- low v ol - v cc -2.0 -1.58 v signal detect output voltage -- high v oh - v cc -1.1 -0.74 v notes: 1. minimum sensitivity and saturation levels at ber=1e-10 for a 2 23 -1 prbs. 2. the current excludes the output load current. 3. these outputs are compatible with 10k, 10kh and 100k ecl and lvpecl outputs.
optoway TRM-5101G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v2.0 3 connection diagram receiver signal ground 1 (rx gnd) receiver data out 2 (rd+) n/c receiver data out bar 3 (rd - ) signal detect 4 (sd) receiver power supply 5 (rx vcc) top view transmitter power supply 6 (tx vcc) transmitter data in bar 7 (td - ) transmitter data in 8 (td+) n/c transmitter signal ground 9 (tx gnd) pin symbol notes 1 rx gnd directly connect this pin to the receiver ground plane 2 rd+ see recommended circuit schematic 3 rd - see recommended circuit schematic 4 sd active high on this indicates a received optical signal 5 rx vcc +3.3v dc power for the receiver section 6 tx vcc +3.3v dc power for the transmitter section 7 td - see recommended circuit schematic 8 td+ see recommended circuit schematic 9 tx gnd directly connect this plan to the transmitter ground plane recommended circuit schematic the split-load terminations for ecl signals need to be located at the input of devices receiving those ecl signals. the power supply filtering is required for good emi performance. use short tracks from the inductor l1/l2 to the module rx vcc and tx vcc. a gnd plane under the module is required for good emi and sensitivity performance.
optoway TRM-5101G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v2.0 4 package diagram units in mm 1) sc duplex tx optical rx optical TRM-5101G / trm-5101ag 2) sc duplex with metal shielding tx optical rx optical trm-5101-emg / trm-5101a-emg
optoway TRM-5101G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v2.0 5 3) duplex st 5 . 9 7 1 3 . 9 rx optical tx optical 1 0 0 . 7 5 34.5max o1.3 15.88 20.32 1 3 . 7 25.4 20.32 2.54*8 12.7 trm-5101tg / trm-5101atg note: specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of TRM-5101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X